PART |
Description |
Maker |
SMBJ20 SMBJ43 SMBJ51CA SMBJ24C SMBJ190 SMBJ190A SM |
600W Surface Mount Transient Voltage Suppressors
|
Shanghai Semitech Semiconductor Co., Ltd Shanghai Semitech Semic...
|
P6SMBJ220CA-T3 P6SMBJ180 P6SMBJ180A P6SMBJ180A-T3 |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
WTE[Won-Top Electronics]
|
P6SMB2XA P6SMB5XA P6SMB7XA |
600W Surface Mount Transient Voltage Suppressors
|
Weitron Technology
|
SMBJ58CA SMBJ51CA SMBJ30CA SMBJ17CA |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
Shenzhen Luguang Electronic Technology Co., Ltd Shenzhen Luguang Electr...
|
STK3902 STK3905 STK3903 |
DIODE TVS 440V 600W BIDIR 5% SMB Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:5V AnalogIC
|
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
SMCG51 SMCG54 SMCG70 SMCG75 SMCG120 SMCG120A SMCG1 |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors
|
Vishay Siliconix
|
SMCJ120 SMCJ36A SMCJ110 SMCJ9.0 SMCJ30A SMCJ18A SM |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix
|
SMBJ16CA SMBJ58CA SMBJ36A SMBJ7.5C SMBJ11C SMBJ11C |
SURFACE MOUNT TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR CMOS Presettable BCD Up/Down Counter 16-SO -55 to 125 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 表面贴装瞬态电压抑制器 CONNECTOR ACCESSORY
|
Bytes General Semiconductor
|
F2TVS20A F2TVS26A F2TVS30A F2TVS150A F2TVS78A F2TV |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
|
GOOD-ARK Electronics
|
SMF5.0A SMF130A SMF190A SMF190CA SMF160A SMF150A S |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS) The SMF series is designed specifically to protect sensitive electronic
|
UN Semiconducctor INC
|